Part Number Hot Search : 
NJU26 LU8259 24A12 M3062 LM2902 ADC1215S CAT140XX 252603B
Product Description
Full Text Search
 

To Download FLM1011-3F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FLM1011-3F
X, Ku-Band Internally Matched FET FEATURES
* * * * * * * High Output Power: P1dB = 35.0dBm (Typ.) High Gain: G1dB = 7.5dB (Typ.) High PAE: add = 29% (Typ.) Low IM3 = -46dBc@Po = 24.0dBm Broad Band: 10.7 ~ 11.7GHz Impedance Matched Zin/Zout = 50 Hermetically Sealed
DESCRIPTION
The FLM1011-3F is a power GaAs FET that is internally matched for standard communication bands to provide optimum power and gain in a 50 ohm system. Eudyna's stringent Quality Assurance Program assures the highest reliability and consistent performance. ABSOLUTE MAXIMUM RATING (Ambient Temperature Ta=25C)
Item Drain-Source Voltage Gate-Source Voltage Total Power Dissipation Storage Temperature Channel Temperature Symbol VDS VGS PT Tstg Tch Tc = 25C Condition Rating 15 -5 25.0 -65 to +175 175 Unit V V W C C
Fujitsu recommends the following conditions for the reliable operation of GaAs FETs: 1. The drain-source operating voltage (VDS) should not exceed 10 volts. 2. The forward and reverse gate currents should not exceed 13.0 and -1.4 mA respectively with gate resistance of 100.
ELECTRICAL CHARACTERISTICS (Ambient Temperature Ta=25C)
Item Saturated Drain Current Transconductance Pinch-off Voltage Gate Source Breakdown Voltage Output Power at 1dB G.C.P. Power Gain at 1dB G.C.P. Drain Current Power-Added Efficiency Gain Flatness 3rd Order Intermodulation Distortion Thermal Resistance Channel Temperature Rise CASE STYLE: IA Symbol IDSS gm Vp VGSO P1dB G1dB Idsr add G IM3 Rth Tch f = 11.7GHz, f = 10MHz 2-Tone Test Pout = 24.0dBm S.C.L. Channel to Case 10V x Idsr x Rth VDS = 10V, IDS = 0.6 IDSS(Typ.), f = 10.7 ~ 11.7 GHz, ZS = ZL = 50 Test Conditions VDS = 5V, VGS = 0V VDS = 5V, IDS = 900mA VDS = 5V, IDS = 70mA IGS = -70A Min. -0.5 -5.0 34.0 6.5 -44 Limit Typ. Max. 1400 1300 -1.5 35.0 7.5 900 29 -46 5.0 2100 -3.0 1100 0.6 6.0 66 Unit mA mS V V dBm dB mA % dB dBc C/W C
G.C.P.: Gain Compression Point, S.C.L.: Single Carrier Level
Edition 1.4 August 2004
1
FLM1011-3F
X, Ku-Band Internally Matched FET
POWER DERATING CURVE
30
OUTPUT POWER & IM3 vs. INPUT POWER
31 29 27 25 23
IM3
Total Power Dissipation (W)
24
Output Power (S.C.L.) (dBm)
VDS=10V f1 = 11.7 GHz f2 = 11.71 GHz 2-tone test
Pout
-15 -25 -35 -45 -55
18
12
6
21
0
50
100
150
200
19
Case Temperature (C)
12 14 16 18 20 22
Input Power (S.C.L.) (dBm) S.C.L.: Single Carrier Level
OUTPUT POWER vs. FREQUENCY
OUTPUT POWER vs. INPUT POWER
37 36
VDS=10V P1dB
Output Power (dBm)
Pin=28dBm 26dBm
36 34
VDS=10V f = 11.2 GHz
Output Power (dBm)
35 34 33 32 31 30 10.7 10.95 11.2 11.45
Pout
32 30 28 26
40 30 20 10
24dBm
add
22dBm
11.7
19
21
23
25
27
29
Frequency (GHz)
Input Power (dBm)
2
add (%)
IM3 (dBc)
FLM1011-3F
X, Ku-Band Internally Matched FET
+j50 +j100 +j25
10.7 10.5 GHz 10.9 11.3 11.1 10.9 11.5 11.1 11.7 11.9 11.3 11.9 11.7 11.5 11.3 11.5 11.9 11.7 11.1 11.3 11.1 10.9 10.7 10.9 10.7 10.5 GHz
+j10
+j250
0.1
11.9
SCALE FOR |S12|
S11 S22
+90
0.2
S21 S12
SCALE FOR |S21|
1 2 3 4
0
10
10.7
20
50
11.5
250
180
11.7
0
10.5 GHz
10.5 GHz
-j10
-j250
-j25 -j50
-j100 -90
FREQUENCY (MHZ) 10500 10600 10700 10800 10900 11000 11100 11200 11300 11400 11500 11600 11700 11800 11900
S11 MAG .606 .586 .556 .532 .493 .457 .413 .375 .333 .301 .291 .297 .320 .354 .399 ANG 127.5 118.0 107.5 96.4 84.3 71.3 55.9 38.7 19.7 -3.4 -28.4 -51.8 -74.6 -93.8 -109.4
S-PARAMETERS VDS = 10V, IDS = 900mA S21 S12 MAG ANG MAG ANG 2.381 2.475 2.574 2.663 2.767 2.859 2.929 2.984 2.995 2.992 2.935 2.861 2.776 2.681 2.565 -45.7 -54.3 -63.8 -73.4 -83.3 -94.1 -105.0 -116.4 -127.8 -139.6 -151.4 -162.7 -173.8 175.3 164.8 .045 .047 .050 .053 .058 .064 .070 .075 .081 .086 .089 .093 .096 .097 .099 -34.6 -47.4 -64.6 -76.4 -98.2 -110.4 -126.2 -137.1 -151.9 -164.5 -177.0 171.1 157.2 147.3 134.2
S22 MAG .500 .491 .474 .466 .452 .442 .430 .424 .411 .394 .375 .361 .341 .320 .305 ANG -144.6 -154.2 -165.0 -175.9 172.4 159.8 146.9 133.6 120.4 106.6 92.5 79.1 65.6 50.6 37.7
3
FLM1011-3F
X, Ku-Band Internally Matched FET
Case Style "IA" Metal-Ceramic Hermetic Package
1.5 Min. (0.059) 1 2-R 1.250.15 (0.049) 0.1 (0.004) 4 2 3 0.5 (0.020) 1.5 Min. (0.059) 1.80.15 (0.071) 3.2 Max. (0.126) 8.1 (0.319) 0.2 Max. (0.008) 1.15 (0.045) 9.70.15 (0.382)
13.00.15 (0.512) 16.50.15 (0.650)
1. 2. 3. 4.
Gate Source (Flange) Drain Source (Flange)
Unit: mm(inches)
For further information please contact:
CAUTION
Eudyna Devices Inc. products contain gallium arsenide (GaAs) which can be hazardous to the human body and the environment. For safety, observe the following procedures:
Eudyna Devices USA Inc.
2355 Zanker Rd. San Jose, CA 95131-1138, U.S.A. TEL: (408) 232-9500 FAX: (408) 428-9111
www.us.eudyna.com
* Do not put this product into the mouth. * Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical processing as these by-products are dangerous to the human body if inhaled, ingested, or swallowed. * Observe government laws and company regulations when discarding this product. This product must be discarded in accordance with methods specified by applicable hazardous waste procedures.
Eudyna Devices Europe Ltd.
Network House Norreys Drive Maidenhead, Berkshire SL6 4FJ United Kingdom TEL: +44 (0) 1628 504800 FAX: +44 (0) 1628 504888
Eudyna Devices Asia Pte Ltd. Hong Kong Branch
Rm. 1101, Ocean Centre, 5 Canton Rd. Tsim Sha Tsui, Kowloon, Hong Kong TEL: +852-2377-0227 FAX: +852-2377-3921
Eudyna Devices Inc. reserves the right to change products and specifications without notice. The information does not convey any license under rights of Eudyna Devices Inc. or others.
(c) 2004 Eudyna Devices USA Inc. Printed in U.S.A.
Eudyna Devices Inc.
Sales Division 1, Kanai-cho, Sakae-ku Yokohama, 244-0845, Japan TEL: +81-45-853-8156 FAX: +81-45-853-8170
4


▲Up To Search▲   

 
Price & Availability of FLM1011-3F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X